PART |
Description |
Maker |
NB4N11S |
3.3V 1:2 AnyLevel Input to LVDS Fanout Buffer /Translator
|
ON Semiconductor
|
NB6N11S |
3.3 V 1:2 AnyLevel Input to LVDS Fanout Buffer / Translator(3.3V 1:2 AnyLevel输入到LVDS输出缓冲译码
|
ON Semiconductor
|
NB4N527S |
Translator, 3.3 V, 2.5 Gb/s Dual AnyLevel™ to LVDS Receiver/Driver/Buffer, with Internal Termination
|
ON Semiconductor
|
74ABT02PWDH 74ABT02 74ABT02D 74ABT02DB 74ABT02N 74 |
Quad 2-input NOR gate ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2-input NOR gate - Description: Quad 2-Input NOR Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14
|
Atmel, Corp. PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
HCF4082 HCF4082M013TR |
4000/14000/40000 SERIES, DUAL 4-INPUT AND GATE, PDSO14 SOP-14 4 INPUT AND GATE 4 INPUT AND GATE
|
Vishay Intertechnology, Inc. STMicroelectronics ST Microelectronics
|
5B45 5B46-CUSTOM 5B45-01 5B45-02 5B45-03 5B45-04 5 |
Isolated Frequency Input 0 to 250 kHz Input Signal Conditioning Module Isolated, Frequency Input SPECIALTY ANALOG CIRCUIT, XMA
|
AD[Analog Devices] Analog Devices, Inc.
|
ACTS08MS ACTS08DMSR FN3994 ACTS08D ACTS08HMSR ACTS |
Radiation Hardened Quad 2-Input AND Gate 辐射加固输入与门 Radiation Hardened Quad 2-Input AND Gate ACT SERIES, QUAD 2-INPUT AND GATE, CDIP14 From old datasheet system AND Gate, 2-Input, Quad, TTL Inputs, Rad-Hard, Advanced Logic, CMOS
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
CD4019BC CD4019BCM CD4019BCN CD4019BCSJ CD4019BCMX |
Quad AND-OR Select Gate Quad 2-input OR Gate 4000/14000/40000 SERIES, QUAD 2-INPUT AND-OR GATE, PDSO16 Single 2-Input NAND Gate with Schmitt-Trigger Input 5-SC70 -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT AND-OR GATE, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC10H107 MC10H107FN MC10H107L MC10H107P ON0742 MC1 |
From old datasheet system Triple 2-Input Exclusive OR/Exclusive NOR Gate 0.3A, 2.7 to 5.5V Dual (2 Input/ 2 Output) High-Side MOSFET Switch IC, Fault Reporting, 2 Act-Lo En 8-SOIC 0 to 85 10H SERIES, TRIPLE 2-INPUT XOR/XNOR GATE, PQCC20
|
ONSEMI[ON Semiconductor] Motorola, Inc Motorola Mobility Holdings, Inc.
|